PART |
Description |
Maker |
RFS1006 PRFS-1006-0007 PRFS-1006-0008 PRFS-1006-00 |
3.4-3.6 GHz Power Amplifier 3400 MHz - 3600 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 3.4-3.6 GHz Power Amplifier 3号至三月六日GHz功率放大 Single-band power amplifiers The RFS1006 power amplifier is a high-power, high-performance GaAs MESFET IC designed for use in a transmit applications in the 3.4-3.6 ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
CMM1434-SM-0G0T CMM1434-SM07 |
13.50-14.50 GHz 2.5-Watt Power Amplifier 13500 MHz - 14500 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 13.50-14.50 GHz 2.5-Watt Power Amplifier 13.50-14.50吉赫2.5瓦功率放大器
|
Mimix Broadband, Inc.
|
CMM1331-KU |
12.7 to 13.5 GHz, 1.5 watt power amplifier 12.70 to 13.50 GHz 1.5 Watt Power Amplifier 12700 MHz - 13500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
CELERITEK Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
AMMC-6440 |
AMMC-6440 · 37-42 GHz 1W Power Amplifier 37 - 42 GHz Power Amplifier
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
PRFS-P2023-EVL PRFS-P2023-007 PRFS-P2023-008 PRFS- |
2.4 GHz 802.11b/g WLAN Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 2.4 GHz 802.11b/g WLAN Power Amplifier 2.4 GHz02.11b / g无线功率放大
|
ANADIGICS, Inc. ANADIGICS INC
|
RMPA39100 |
37 - 40 GHz 1 Watt Power Amplifier MMIC 37-40 GHz 1 Watt Power Amplifier MMIC DIODE SWITCHING DUAL-DUAL SERIES 240V 225mA-Io 350mW 50ns-trr SOT-26 3K/REEL
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
INA-31063 INA-31063-TR1 |
DC-2.5 GHz 3 V, High Isolation Silicon RFIC Amplifier(直流.5 GHz 3 V,高隔离硅射频集成电路放大 3V Fixed Gain. High Isolation amplifier 的DC - 2.5 GHz3伏,高隔离硅射频放大器(直流.5 GHz3伏,高隔离硅射频集成电路放大器) 0 MHz - 2500 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
Agilent(Hewlett-Packard) AGILENT TECHNOLOGIES INC
|
SA1070 |
TDMA 8-Watt 1.93 GHz to 1.99 GHz Linear Power Amplifier Module
|
ETC[ETC]
|
AWB7221RM52P8 |
2.30 GHz to 2.70 GHz Small-Cell Power Amplifier Module
|
ANADIGICS, Inc
|
SST13LP01-QDF-K SST13LP01 SST13LP01-QDF |
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
|
SST[Silicon Storage Technology, Inc]
|